Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN54LS138 Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce SN54LS138
Description  1-OF-8 DECODER/ DEMULTIPLEXER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN54LS138 Fiches technique(HTML) 2 Page - Motorola, Inc

  SN54LS138 Datasheet HTML 1Page - Motorola, Inc SN54LS138 Datasheet HTML 2Page - Motorola, Inc SN54LS138 Datasheet HTML 3Page - Motorola, Inc SN54LS138 Datasheet HTML 4Page - Motorola, Inc SN54LS138 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
5-231
FAST AND LS TTL DATA
SN54/74LS138
FUNCTIONAL DESCRIPTION
The LS138 is a high speed 1-of-8 Decoder/Demultiplexer
fabricated with the low power Schottky barrier diode process.
The decoder accepts three binary weighted inputs (A0, A1, A2)
and when enabled provides eight mutually exclusive active
LOW Outputs (O0–O7). The LS138 features three Enable in-
puts, two active LOW (E1, E2) and one active HIGH (E3). All
outputs will be HIGH unless E1 and E2 are LOW and E3 is
HIGH. This multiple enable function allows easy parallel ex-
pansion of the device to a 1-of-32 (5 lines to 32 lines) decoder
with just four LS138s and one inverter. (See Figure a.)
The LS138 can be used as an 8-output demultiplexer by
using one of the active LOW Enable inputs as the data input
and the other Enable inputs as strobes. The Enable inputs
which are not used must be permanently tied to their appropri-
ate active HIGH or active LOW state.
TRUTH TABLE
INPUTS
OUTPUTS
E1
E2
E3
A0
A1
A2
O0
O1
O2
O3
O4
O5
O6
O7
H
X
X
X
X
X
H
H
H
H
H
H
H
H
X
H
X
X
X
X
H
H
H
H
H
H
H
H
X
X
L
X
X
X
H
H
H
H
H
H
H
H
L
L
H
L
L
L
L
H
H
H
H
H
H
H
L
L
H
H
L
L
H
L
H
H
H
H
H
H
L
L
H
L
H
L
H
H
L
H
H
H
H
H
L
L
H
H
H
L
H
H
H
L
H
H
H
H
L
L
H
L
L
H
H
H
H
H
L
H
H
H
L
L
H
H
L
H
H
H
H
H
H
L
H
H
L
L
H
L
H
H
H
H
H
H
H
H
L
H
L
L
H
H
H
H
H
H
H
H
H
H
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
O0
O31
A0
A1
A2
A3
A4
H
LS04
A0 A1 A2
E
LS138
O0 O1 O2 O3 O4 O5 O6 O7
A0 A1 A2
E
LS138
O0 O1 O2 O3
O5 O6 O7
O4
O0 O1 O2 O3
O5 O6 O7
O4
E
LS138
A0 A1 A2
A0 A1 A2
E
LS138
O0
O2 O3
O5 O6 O7
O4
O1
1 2 3
1 2 3
1 2 3
1 2 3
Figure a



Html Pages

1 2 3 4 5