| Moteur de recherche de fiches techniques de composants électroniques |
|
AN991 Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AN991 Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 16 page ![]() Serial Memory Products 13 Reference Code Resources Looking for reference code to interface with our serial memory? Select your serial protocol, microcontroller and preferred implementation below. Memory Application Notes – PIC® MCUs Protocol Memory Type Recommended Usage Implementation PIC10 PIC12 PIC16 PIC18 PIC24/ dsPIC33 PIC32 UNI/O Bus EEPROM AN1194 (General Usage) Assembly – Firmware Delay AN11741 AN11741 AN11882 AN11741 AN11882 AN1183 AN1213 (Parasitic Power) Assembly – Hardware Delay AN11962 AN11962 AN1187 C – Hardware Delay AN12512 AN12512 AN1191 AN1236 I²C EEPROM AN1028 Assembly – Bit Bang AN982 AN982 AN974 AN979 Assembly – Hardware Port AN976 AN989 C – Bit Bang AN997 AN1100 C – Hardware Port AN991 AN1079 Microwire EEPROM AN1029 Assembly – Bit Bang AN993 AN999 Assembly – Hardware Port AN975 AN1020 C – Bit Bang AN1004 C – Hardware Port AN1023 SPI EEPROM AN1040 Assembly – Bit Bang AN909 AN1006 Assembly – Hardware Port AN966 AN1000 C – Bit Bang AN1018 AN1096 C – Hardware Port AN1040 AN1069 SRAM AN1245 – AN1287 AN1269 AN1262 AN1277 All EEPROMs AN1019 EEPROM Endurance Tutorial AN536 Basic Serial EEPROM Operation AN603 Continuous Improvement Note 1: Written for baseline (12-bit program word) cores. 2: Written for mid-range (14-bit program word) cores. Memory Application Notes – Third-Party MCUs Protocol Implementation 8051 MSP430 UNI/O Bus Assembly – Hardware Delay AN1184 C – Hardware Delay AN1185 AN1186 I²C Assembly – Bit Bang AN1147 Assembly – Hardware Port AN1190 C – Bit Bang AN1195 C – Hardware Port AN1113 SPI Assembly – Bit Bang AN1198 Assembly – Hardware Port AN1197 C – Bit Bang AN1193 C – Hardware Port AN1073 www.microchip.com/appnotes |