Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T89C51RD2-3CWC-L Fiches technique(PDF) 12 Page - ATMEL Corporation

No de pièce T89C51RD2-3CWC-L
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CWC-L Fiches technique(HTML) 12 Page - ATMEL Corporation

Back Button T89C51RD2-3CWC-L Datasheet HTML 8Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 9Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 10Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 11Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 12Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 13Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 14Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 15Page - ATMEL Corporation T89C51RD2-3CWC-L Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 86 page
background image
Rev. F - 15 February, 2001
12
T89C51RD2
Reset Value = X000 0000b
Not bit addressable
1
T0X2
Timer0 clock (This control bit is validated when the CPU clock X2 is set; when X2 is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle
0
X2
CPU clock
Clear to select 12 clock periods per machine cycle (STD mode) for CPU and all the peripherals.
Set to select 6clock periods per machine cycle (X2 mode) and to enable the individual peripherals "X2" bits.
Bit
Number
Bit
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86