| Moteur de recherche de fiches techniques de composants électroniques |
|
dsPIC30F3010 Fiches technique(PDF) 79 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC30F3010 Fiches technique(HTML) 79 Page - Microchip Technology |
|
79 / 228 page ![]() © 2010 Microchip Technology Inc. DS70141F-page 79 dsPIC30F3010/3011 FIGURE 11-3: 16-BIT TIMER5 BLOCK DIAGRAM (TYPE C TIMER) TON PR5 T5IF Equal Comparator x 16 TMR5 Reset Event Flag Q QD CK TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 ADC Event Trigger Sync Note: The dsPIC30F3010/3011 devices do not have external pin inputs to Timer4 or Timer5. In these devices, the following modes should not be used: 1. TCS = 1 2. TCS = 0 and TGATE = 1 (Gated Time Accumulation) |