| Moteur de recherche de fiches techniques de composants électroniques |
|
OP221GSZ Fiches technique(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
OP221GSZ Fiches technique(HTML) 10 Page - Analog Devices |
|
10 / 12 page ![]() REV. C OP221 –10– OUTLINE DIMENSIONS 8-Lead Standard Small Outline Package [SOIC] Narrow Body (RN-8) Dimensions shown in millimeters and (inches) 0.25 (0.0098) 0.19 (0.0075) 1.27 (0.0500) 0.41 (0.0160) 0.50 (0.0196) 0.25 (0.0099) 45 8 0 1.75 (0.0688) 1.35 (0.0532) SEATING PLANE 0.25 (0.0098) 0.10 (0.0040) 85 4 1 5.00 (0.1968) 4.80 (0.1890) 4.00 (0.1574) 3.80 (0.1497) 1.27 (0.0500) BSC 6.20 (0.2440) 5.80 (0.2284) 0.51 (0.0201) 0.33 (0.0130) COPLANARITY 0.10 CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN COMPLIANT TO JEDEC STANDARDS MS-012AA |