Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

27T103C Fiches technique(PDF) 3 Page - Murata Manufacturing Co., Ltd.

No de pièce 27T103C
Description  Surface Mount Power Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

27T103C Fiches technique(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  27T103C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 27T103C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 27T103C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2700T Series
Surface Mount Power Inductors
KMP_2700TC_A02 Page 3 of 3
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2011 Murata Power Solutions, Inc.
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
ISO 9001 and 14001 REGISTERED
www.murata-ps.com/support
PACKAGE SPECIFICATIONS
Mechanical Dimensions
Tape Outline Dimensions
Reel quantity: 3500
Unless otherwise stated, all dimensions in mm (inches).
12.0
(0.472)
1.75
(0.069)
2.0 (0.079)
4.0 (0.157)
Ø1.5 (0.059)
6.80
(0.268)
0.4 (0.016)
2.66±0.1
(0.105±0.004)
Direction of unreeling
22.4
(0.882)
Max.†
15.9-19.4*
(0.626-0.764)
16.3-16.7
(0.642-0.657)†
13.50
12.80
0.531
0.504
ØØ
1.80 (0.071) Min.
49.75 (1.96) Min.
Ø21.1 (Ø0.831) Min.
100 (3.937)
Min.
Leader Section
400 (15.748) Min.
Goods
Enclosure
Section
Trailer Section
160 (6.299) Min.
Ø331 (13.031) Max.
All dimension in mm [inches]
* Includes flange distortion at outer edge
† Measured at hub



Html Pages

1 2 3