| Moteur de recherche de fiches techniques de composants électroniques |
|
CDR31BX102BFURAJ Fiches technique(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CDR31BX102BFURAJ Fiches technique(HTML) 2 Page - Vishay Siliconix |
|
2 / 12 page ![]() www.vishay.com For technical questions, contact: mlcc@vishay.com Document Number: 45026 166 Revision: 30-May-11 This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 CDR-MIL-PRF-55681 Vishay Vitramon Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR Note • Detail ratings see selection chart Notes (1) DC voltage rating should not be exceeded in application. Other application factors may affect the MLCC performance. Consult for questions: mlcc@vishay.com (2) Available tolerances please see rating chart (3) MIL-PRF-55681 “U” termination part number have increased dimensions QUICK REFERENCE DATA DIELECTRIC STYLE (CASE) MAXIMUM VOLTAGE (V) CAPACITANCE MINIMUM MAXIMUM BP CDR01 (0805) 100 10 pF 180 pF BX CDR01 (0805) 100 120 pF 4.7 nF BP CDR02 (1805) 100 220 pF 270 pF BX CDR02 (1805) 100 3.9 nF 22 nF BP CDR03 (1808) 100 330 pF 1.0 nF BX CDR03 (1808) 100 12 nF 68 nF BP CDR04 (1812) 100 1.2 nF 3.3 nF BX CDR04 (1812) 100 39 nF 180 nF BX CDR06 (2225) 50 390 nF 470 nF BP CDR31 (0805) 100 1.0 pF 680 pF BX CDR31 (0805) 100 470 pF 18 nF BP CDR32 (1206) 100 1.0 pF 2.2 nF BX CDR32 (1206) 100 4.7 nF 39 nF BP CDR33 (1210) 100 1.0 nF 3.3 nF BX CDR33 (1210) 100 15 nF 100 nF BP CDR34 (1812) 100 2.2 nF 10 nF BX CDR34 (1812) 100 27 nF 180 nF BP CDR35 (1825) 100 4.7 nF 22 nF BX CDR36 (1825) 100 56 nF 470 nF ORDERING INFORMATION - MILITARY CDR31 BX 102 A K Y S A T MILITARY STYLE DIELECTRIC CAPACITANCE NOMINAL CODE DC VOLTAGE RATING (1) CAPACITANCE TOLERANCE (2) TERMINATION FAILURE RATE MARKING PACKAGING CDR01 CDR02 CDR03 CDR04 CDR06 CDR31 CDR32 CDR33 CDR34 CDR35 BP and BX Expressed in picofarads (pF). The first two digits are significant, the third is a multiplier. Examples: 102 = 1000 pF 1R8 = 1.8 pF A = 50 V B = 100 V C = ± 0.25 pF D = ± 0.5 pF F = ± 1 % J = ± 5 % K = ± 10 % M = ± 20 % M = Silver Palladium Y = Ni barrier with 100 % tin W = Ni barrier with 100 % tin Z = Ni barrier with tin/lead plate min. 4 % lead U = Hot solder dipped (min. of 4 % lead) (3) M = 1.0 % P = 0.1 % R = 0.01 % S = 0.001 % Consult factory for failure rate status A = Unmarked T = 7" reel/plastic tape J = 7" reel (low quantity) C = 7" reel/paper tape R = 11 1/4"/13" reel/plastic tape P = 11 1/4"/13" reel/paper tape B = Bulk |