| Moteur de recherche de fiches techniques de composants électroniques |
|
CDR04BP102BFURAJ Fiches technique(PDF) 9 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CDR04BP102BFURAJ Fiches technique(HTML) 9 Page - Vishay Siliconix |
|
9 / 12 page ![]() Document Number: 45026 For technical questions, contact: mlcc@vishay.com www.vishay.com Revision: 30-May-11 173 This document is subject to change without notice. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 CDR-MIL-PRF-55681 Surface Mount Multilayer Ceramic Chip Capacitors MIL Qualified, Type CDR Vishay Vitramon CDR32BP CDR32BP911B_ _ _ 911 910 F, J, K BP 100 CDR32BP102B_ _ _ 102 1000 F, J, K BP 100 CDR32BP112A_ _ _ 112 1100 F, J, K BP 50 CDR32BP122A_ _ _ 122 1200 F, J, K BP 50 CDR32BP132A_ _ _ 132 1300 F, J, K BP 50 CDR32BP152A_ _ _ 152 1500 F, J, K BP 50 CDR32BP162A_ _ _ 162 1600 F, J, K BP 50 CDR32BP182A_ _ _ 182 1800 F, J, K BP 50 CDR32BP202A_ _ _ 202 2000 F, J, K BP 50 CDR32BP222A_ _ _ 222 2200 F, J, K BP 50 CDR32BX CDR32BX472B_ _ _ 472 4700 K, M BX 100 CDR32BX562B_ _ _ 562 5600 K, M BX 100 CDR32BX682B_ _ _ 682 6800 K, M BX 100 CDR32BX822B_ _ _ 822 8200 K, M BX 100 CDR32BX103B_ _ _ 103 10 000 K, M BX 100 CDR32BX123B_ _ _ 123 12 000 K, M BX 100 CDR32BX153B_ _ _ 153 15 000 K, M BX 100 CDR32BX183A_ _ _ 183 18 000 K, M BX 50 CDR32BX223A_ _ _ 223 22 000 K, M BX 50 CDR32BX273A_ _ _ 273 27 000 K, M BX 50 CDR32BX333A_ _ _ 333 33 000 K, M BX 50 CDR32BX393A_ _ _ 393 39 000 K, M BX 50 CDR33BP CDR33BP102B_ _ _ 102 1000 F, J, K BP 100 CDR33BP112B_ _ _ 112 1100 F, J, K BP 100 CDR33BP122B_ _ _ 122 1200 F, J, K BP 100 CDR33BP132B_ _ _ 132 1300 F, J, K BP 100 CDR33BP152B_ _ _ 152 1500 F, J, K BP 100 CDR33BP162B_ _ _ 162 1600 F, J, K BP 100 CDR33BP182B_ _ _ 182 1800 F, J, K BP 100 CDR33BP202B_ _ _ 202 2000 F, J, K BP 100 CDR33BP222B_ _ _ 222 2200 F, J, K BP 100 CDR33BP242A_ _ _ 242 2400 F, J, K BP 50 CDR33BP272A_ _ _ 272 2700 F, J, K BP 50 CDR33BP302A_ _ _ 302 3000 F, J, K BP 50 CDR33BP332A_ _ _ 332 3300 F, J, K BP 50 CDR33BX CDR33BX153B_ _ _ 153 15 000 K, M BX 100 CDR33BX183B_ _ _ 183 18 000 K, M BX 100 CDR33BX223B_ _ _ 223 22 000 K, M BX 100 CDR33BX273B_ _ _ 273 27 000 K, M BX 100 CDR33BX393A_ _ _ 393 39 000 K, M BX 50 CDR33BX473A_ _ _ 473 47 000 K, M BX 50 CDR33BX563A_ _ _ 563 56 000 K, M BX 50 CDR33BX683A_ _ _ 683 68 000 K, M BX 50 CDR33BX823A_ _ _ 823 82 000 K, M BX 50 CDR33BX104A_ _ _ 104 100 000 K, M BX 50 MIL-C-55681 QUALIFIED, TYPE CDR MILITARY TYPE DESIGNATION CAPACITANCE CODE CAPACITANCE (pF) CAPACITANCE TOLERANCE RATED TEMP. AND VOLTAGE TEMP. LIMITS VOLTAGE (DC) |