Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTWS Fiches technique(PDF) 3 Page - MMD Components

No de pièce MTWS
Description  MTWS Series ??Femtocell Stratum III TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MMD [MMD Components]
Site Internet  http://www.mmdcomp.com
Logo MMD - MMD Components

MTWS Fiches technique(HTML) 3 Page - MMD Components

  MTWS Datasheet HTML 1Page - MMD Components MTWS Datasheet HTML 2Page - MMD Components MTWS Datasheet HTML 3Page - MMD Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MTWS Series – Femtocell Stratum III TCXO
Specifications subject to change without notice
Page 3 of 3
Revision: MTWS061912B
MECHANICAL DIMENSIONS
NOTES: UNLESS OTHERWISE SPECIFIED
1.
APPLICABLE STANDARDS / SPECIFICATIONS: ANSI Y14.5M, DIMENSIONS AND
TOLERANCES.
2.
DIMENSIONS ARE MILLIMETERS [INCHES]. MILLIMETERS ARE THE CONTROLLING
DIMENSIONS, INCHES ARE FOR REFERENCE ONLY.
3.
THE PIN NUMBERS ARE FOR REFERENCE ONLY AND ARE NOT TO BE MARKED ON THE
UNIT.
4.
AN EXTERNAL BYPASS CAPACITOR IS RECOMMENDED.
5.
TOLERANCES ARE ±0.25 [.010] FOR TWO PLACE DECIMALS AND ±0.5 [.02] FOR ONE
PLACE DECIMALS.
6.
DO NOT SCALE DRAWING.



Html Pages

1 2 3