| Moteur de recherche de fiches techniques de composants électroniques |
|
S29GL01GS10DFIV013 Fiches technique(PDF) 49 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL01GS10DFIV013 Fiches technique(HTML) 49 Page - SPANSION |
|
49 / 106 page ![]() October 9, 2013 S29GL_128S_01GS_00_08 GL-S MirrorBit® Family 49 Data She e t Note: 1. State will automatically move to ES state by tESL. Note: 1. Also known as Erase Resume/Program Resume Legacy Method. Table 5.9 Erase Suspend State Command Transition Current State Command and Condition Read Software Reset / ASO Exit Status Register Read Enter Status Register Clear Unlock 1 Sector Erase Start Address RA xh x555h x555h x555h (SA)xh Data RD xF0h x70h x71h xAAh x30h ESR (1) - ESR ERSR (ESR) - - - ES SR(7) = 0 ES ES ESSR (ES) ES ESUL1 - SR(7) = 1 SER ESSR - (return) - ---- Table 5.10 Erase Suspend Unlock State Command Transition Current State Command and Condition Read Software Reset / ASO Exit Status Register Read Enter Unlock 1 Word Program Entry Write to Buffer Enter Write- to- Buffer- Abort Reset Start Erase Resume Enhanced Method (1) DYB ASO Entry NOT a valid “Write-to-Buffer- Abort Reset” Command Address RA xh x555h x2AAh x555h (SA)xh x555h xh x555h NOT x555h xh NOT x2AAh xh Data RD xF0h x70h x55h xA0h x25h xF0h x30h xE0h xh NOT xF0h xh NOT x55h ESUL1 - ESUL1 - ESSR (ES) ESUL2 - - - - - - - -- SR(3) = 1 ESPG ESPG DQ(1) = 1 ESUL2 - ESUL2 ES ESSR (ES) - ESPG1 ES_WB - SER - -- -- Read Protect = False ESDYB SR(3) = 1 - ES - ESPG ESPG DQ(1) = 1 Table 5.11 Erase Suspend - DYB State Command Transition Current State Command and Condition Read Software Reset / ASO Exit Status Register Read Enter Status Register Clear Command Set Exit Entry Command Set Exit DYB Set/ Clear Entry Password Word Count Address RA xh x555h x555h xh xh xh xh Data RD xF0h x70h x71h x90h x00h xA0h x03h ESDYB - ESDYB ES ESSR (ESDYB) ESDYB ESDYBEXT - ESDYBSET - ESDYBSET - ESDYBSET - - - - - - - ESDYBEXT - ESDYBEXT - - - - ES - ES |