Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

01021 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce 01021
Description  Combination pliers Basic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

01021 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  01021 Datasheet HTML 1Page - List of Unclassifed Manufacturers 01021 Datasheet HTML 2Page - List of Unclassifed Manufacturers 01021 Datasheet HTML 3Page - List of Unclassifed Manufacturers 01021 Datasheet HTML 4Page - List of Unclassifed Manufacturers 01021 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Z 16 0 01
Heavy duty diagonal cutters Basic.
Standards:
DIN ISO 5749.
Head shape:
Semi-circular.
Design:
Low wear lap joint, riveted and able to withstand high levels of load.
The Wiha DynamicJoint ensures optimal transmission of hand strength to the
cutting edges.
Lightweight action, clean cutting achieved by specially milled precision cutting
edges.
Long term cutting is achieved through additional inductive hardening to approx.
64 HRC.
Material:
High-quality tool steel, specially tempered.
Application:
Power-assisted all-round diagonal cutter for cutting soft to extremely hard wires
and cables.
Ord.No.
26746
160
6 ½
3,5
2,5
2,0
160
5
26752
200
8
4,2
3,0
2,5
275
5
Z 16 0 05
Heavy duty diagonal cutters Professional.
Standards:
DIN ISO 5749.
Page 3 of 5



Html Pages

1 2 3 4 5