| Moteur de recherche de fiches techniques de composants électroniques |
|
USCLSESXAVAVHTX Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
USCLSESXAVAVHTX Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 12 page ![]() Specifications are subject to change without notice USCDS040706 3 USC Module Inputs Type Accuracy Temp. drift Min. indication ( ) Max. indicat. ( ) BQ LSX/ BQ LSE/ BQ LSF -200µA to +200µA -2mA to +2mA -20mA to +20mA -200mV to +200mV -2V to +2V -20V to +20V DC/AC DC: ±(0.1%RDG+3DGT) 0%to 25% FS; ±(0.1%RDG+2DGT) 25% to 110% FS. TRMS (45 to 65Hz)*: ±(0.3%RDG+3DGT) 0% to 25% FS; ±(0.3%RDG+2DGT) 25% to 110% FS. ±150 ppm/°C - 200.0 - 2.000 - 20.00 - 200.0 - 2.000 - 20.00 + 200.0 + 2.000 + 20.00 + 200.0 + 2,000 + 20.00 BQ HSX -200mA to +200mA -2A to +2A -5A to +5A -20V to +20V -200V to +200V -500V to +500V DC/AC DC: ±(0.1%RDG+3DGT) 0% to 25% FS; ±(0.1%RDG+2DGT) 25% to 110% FS. TRMS ( 45 to 65Hz)*: ±(0.3%RDG+3DGT) 0% to 25% FS; ±(0.3%RDG+2DGT) 25% to 110% FS. ±150 ppm/°C - 200.0 - 2.000 - 5.000 - 20.00 - 200.0 - 500.0 + 200.0 + 2.000 + 5.000 + 20.00 + 200.0 + 500.0 BQ TRX Thermo- couple -50°C to +760°C -58 °F to +1400 °F -200°C to +1260°C -328 °F to +2300°F -200°C to +1000°C -328°F to +1832°F -50°C to +1750°C -58°F to +3182°F -200°C to +400°C -328°F to +752°F J J K K E E S S T T ±(0.2%RDG+1DGT) ±(0.2%RDG+2DGT) ±(0.2%RDG+2DGT) ±(0.2%RDG+4DGT) ±(0.2%RDG+2DGT) ±(0.2%RDG+4DGT) ±(0.2%RDG+2DGT) ±(0.2%RDG+4DGT) ±(0.2%RDG+2DGT) ±(0.2%RDG+4DGT) ±150 ppm/°C - 50°C - 58°F - 200°C - 328°F - 200°C - 328°F - 50°C - 58°F - 200°C - 328°F + 760°C + 1400°F + 1260°C + 2300°F + 100°C + 1832°F + 1750°C + 3182°F + 400°C + 752°F BQ TRX Thermo- resis- tance -200°C to +850°C -328°F to +1562°F -200.0°C to +200.0°C -328°F to +392°F -200.0°C to +200.0°C -328°F to +392°F -200.0°C to +200.0°C -328°F to +392°F -200.0°C to +200.0°C -328°F to +392°F -60°C to +180°C -76°F to +356°F Pt100 Pt100 Pt100 Pt100 Pt250 Pt250 Pt500 Pt500 Pt1000 Pt1000 Ni100 Ni100 ±(0.2%RDG +2DGT) ±(0.2%RDG +4DGT) ±(0.5%RDG +5DGT) ±(0.5%RDG +5DGT) ±(0.5%RDG +5DGT) ±(0.5%RDG +5DGT) ±(0.5%RDG +5DGT) ±(0.5%RDG +5DGT) ±(0.5%RDG +5DGT) ±(0.5%RDG +5DGT) ±(0.5%RDG +1DGT) ±(0.5%RDG +2DGT) ±150 ppm/°C - 200 - 328 - 200.0 - 328 - 200.0 - 328 - 200.0 - 328 - 200.0 - 328 - 60 - 76 + 850 + 1562 + 200.0 + 392 + 200.0 + 392 + 200.0 + 392 + 200.0 + 392 + 180 + 356 BQ TRX Resis- tance 0 to 20 Ω 0 to 200 Ω 0 to 2000 Ω 0 to 20.00k Ω Ω ±(0.2%RDG+2DGT) 25% to 110% FS ±(0.2%RDG+3DGT) 0% to 25% FS ±150 ppm/°C 0 0 0 0 20.00 ( ) 200.0 ( ) 2000 ( ) 20.00 ( ) Measurement accuracy, temp. drifts, max and min indications All accuracies and min/max indications are referred to an ambient temp. range of 25°C ±5°C, rel. humidity ≤60% and scale ratio (electri- cal/displayed scale) equal to 1. The conversion into °F is obtained acting on the electrical/displayed scale ratio. (*) <45Hz, >65Hz: ±(0.5%RDG+3DGT) 0% to 25% FS; ±(0.5%RDG+2DGT) 25% to 110% FS. ( ) The min. indication for TRMS measurement (AC or DC) is 0; it is possible to modify the decimal point position. |