Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1072HVCK Fiches technique(PDF) 13 Page - Linear Technology

No de pièce LT1072HVCK
Description  1.25A High Efficiency Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LT1072HVCK Fiches technique(HTML) 13 Page - Linear Technology

Back Button LT1072HVCK Datasheet HTML 8Page - Linear Technology LT1072HVCK Datasheet HTML 9Page - Linear Technology LT1072HVCK Datasheet HTML 10Page - Linear Technology LT1072HVCK Datasheet HTML 11Page - Linear Technology LT1072HVCK Datasheet HTML 12Page - Linear Technology LT1072HVCK Datasheet HTML 13Page - Linear Technology LT1072HVCK Datasheet HTML 14Page - Linear Technology LT1072HVCK Datasheet HTML 15Page - Linear Technology LT1072HVCK Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1072
1072fc
J8 0801
.014 – .026
(0.360 – 0.660)
.200
(5.080)
MAX
.015 – .060
(0.381 – 1.524)
.125
3.175
MIN
.100
(2.54)
BSC
.300 BSC
(7.62 BSC)
.008 – .018
(0.203 – 0.457)
0° – 15°
.005
(0.127)
MIN
.405
(10.287)
MAX
.220 – .310
(5.588 – 7.874)
12
3
4
87
65
.025
(0.635)
RAD TYP
.045 – .068
(1.143 – 1.650)
FULL LEAD
OPTION
.023 – .045
(0.584 – 1.143)
HALF LEAD
OPTION
CORNER LEADS OPTION
(4 PLCS)
.045 – .065
(1.143 – 1.651)
NOTE: LEAD DIMENSIONS APPLY TO SOLDER DIP/PLATE
OR TIN PLATE LEADS
Negative Boost Regulator
J8 Package
8-Lead CERDIP (Narrow .300 Inch, Hermetic)
(Reference LTC DWG # 05-08-1110)
LT1072 • TA13
*REQUIRED IF INPUT LEADS ≥ 2"
C2
0.22µF
R3
3.3k
C4
470µF*
VIN
–15V
C3
10µF
C1
1000µF
R1
27k
R2
1.24k
R0
(MINIMUM
LOAD)
D2
D1
VOUT
–28V AT 0.25A
L1
200µH
VIN
VSW
FB
VC
GND
LT1072
+
+
+
OBSOLETE PACKAGE
TYPICAL APPLICATIO S
PACKAGE DESCRIPTIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com