| Moteur de recherche de fiches techniques de composants électroniques |
|
G3B25AH-R-YC Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
G3B25AH-R-YC Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
|
3 / 6 page ![]() Series G3B Ultra-Miniature Process Sealed SMT Pushbuttons www.nkk.com C54 C Poles 1 SPDT 2 DPDT TYPICAL SWITCH ORDERING EXAMPLE Colors A Black B White C Red Circuits 5 ON (ON) ( ) = Momentary Plunger A .130” (3.3mm) Long 1 G3B A 5 B Terminals P Gull Wing for Upright Mount B Gull Wing for Upright with Bracket H Gull Wing for Right Angle Packaging No Code Partitioned Tray for Upright & Right Angle - Any Quantity R Tape-Reel for Right Angle Only 500 Pieces/Reel S Stick-Tube for Upright Mount 50 Pieces/Stick Packaging details at end of G3B Series SPDT ON-(ON) Circuit Gull Wing Terminals for Upright with Bracket Mount Packaged in Partitioned Tray DESCRIPTION FOR TYPICAL ORDERING EXAMPLE G3B15AB .130” (3.3mm) Long Plunger Plunger Position ( ) = Momentary Connected Terminals Throw & Schematics Pole Model Normal Down Normal Down Note: Terminal numbers are not actually on the switch. SP G3B15 ON (ON) 5-6 5-4 SPDT DP G3B25 ON (ON) 5-6 2-3 5-4 2-1 DPDT POLES & CIRCUITS (COM) 6 4 5 1 2 3 5 (COM) 6 4 Optional Caps X Slip-on Cap .157” (4.0mm) Diameter (For installation after processing only) Y Process Compatible Cap .157” (4.0mm) Diameter (Combines with R or S packaging only) |