Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN2580 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STN2580
Description  High voltage fast switching NPN power transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN2580 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STN2580 Datasheet HTML 5Page - STMicroelectronics STN2580 Datasheet HTML 6Page - STMicroelectronics STN2580 Datasheet HTML 7Page - STMicroelectronics STN2580 Datasheet HTML 8Page - STMicroelectronics STN2580 Datasheet HTML 9Page - STMicroelectronics STN2580 Datasheet HTML 10Page - STMicroelectronics STN2580 Datasheet HTML 11Page - STMicroelectronics STN2580 Datasheet HTML 12Page - STMicroelectronics STN2580 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STN2580
Package mechanical data
Doc ID 023873 Rev 2
9/15
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15