| Moteur de recherche de fiches techniques de composants électroniques |
|
ISC01P Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ISC01P Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers |
|
5 / 6 page ![]() SmartSwitchTM Optional Accessories www.nkk.com E6 E OPTIONAL ACCESSORIES AT9704-085M Socket for OLED Display Materials: Base - Glass Fiber Reinforced PBT Terminals - Brass/Beryllium Copper • The socket permits the OLED SMARTDISPLAYTM to be plugged in after automated processing. • Use of the socket enables easy field replacement of the device. (5.25) .207 (2.0) .079 (16.8) .661 (10.0) .394 (1.0) Typ .039 (7.0) .276 12x (0.75) Dia .030 1 7 2 8 (4.4) .173 (7.2) .283 (0.5) .020 DiaTyp (19.9) .783 (17.6) .693 (16.8) .661 (5.25) .207 (7.25) .285 (10.0) .394 (1.0) Typ .039 (7.0) .276 |