Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SF0088BA02429S Fiches technique(PDF) 2 Page - API Technologies Corp

No de pièce SF0088BA02429S
Description  88.5 MHz SAW Filter 1.25 MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0088BA02429S Fiches technique(HTML) 2 Page - API Technologies Corp

  SF0088BA02429S Datasheet HTML 1Page - API Technologies Corp SF0088BA02429S Datasheet HTML 2Page - API Technologies Corp SF0088BA02429S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
88.5 MHz SAW Filter
1.25 MHz Bandwidth
Part Number: SF0088BA02429S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0088BA02429S Rev C 22-Feb-2010
ECN 36650 Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc, 10 dB bandwidth)
-
88.50
-
MHz
Insertion Loss at Fc
-
19.5
22
dB
Passband Width at -1 dB 1
1.25
1.33
-
MHz
Rejection at Fc +/- 0.625 MHz 1
-
0.7
1
dB
Rejection at Fc +/- 0.89 MHz 1
16
19
-
dB
Rejection at Fc +/- 1.24 MHz 1
20
33
-
dB
Rejection at Fc +/- 1.69 MHz 1
22
38
-
dB
Rejection at Fc +/- 2.04 MHz 1
28
40
-
dB
Rejection at Fc – 15.5 MHz 1
50
63
-
dB
Rejection at Fc + 15.5 MHz 1
45
51
-
dB
Ultimate Rejection (Fc-30 to Fc-16 MHz) 1
50
60
-
dB
Ultimate Rejection (Fc+16 to Fc+30 MHz) 1
45
46
-
dB
Amplitude Ripple (Fc +/- 0.5 MHz)
-
0.5
1
dB p-p
Phase Linearity (Fc +/- 0.625 MHz)
-
6
10
deg p-p
Input Return Loss at Fc
10
20
-
dB
Output Return Loss at Fc
10
20
-
dB
System Source and Load Impedance
-
50
-
Ohm
Notes: 1. Stated dB level is relative to the insertion loss at Fc.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
+85
˚C
Operating Temperature Range
-40
+85
˚C
Input Power Level
-
+13
dBm
DC Voltage Between Each Terminal
-
15
V
MATCHING CIRCUIT
Component values (minimum inductor Q = 40):
Rp1=1.8 KΩ, Lp1=135 nH, Cs1=9 pF
Rp2=1.8 KΩ, Lp2=135 nH, Cs2=9 pF
Notes:
1. Component values shown above are used in the Micro Networks test fixture and are for guidance only.
2. 2% tolerance components or better are recommended.
3. Component values may change depending on board layout.



Html Pages

1 2 3