Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I2CADD Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce I2CADD
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CADD Fiches technique(HTML) 7 Page - Microchip Technology

Back Button I2CADD Datasheet HTML 3Page - Microchip Technology I2CADD Datasheet HTML 4Page - Microchip Technology I2CADD Datasheet HTML 5Page - Microchip Technology I2CADD Datasheet HTML 6Page - Microchip Technology I2CADD Datasheet HTML 7Page - Microchip Technology I2CADD Datasheet HTML 8Page - Microchip Technology I2CADD Datasheet HTML 9Page - Microchip Technology I2CADD Datasheet HTML 10Page - Microchip Technology I2CADD Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 210 page
background image
© 2010 Microchip Technology Inc.
DS70139G-page 7
dsPIC30F2011/2012/3012/3013
Pin Diagram
44 43 42 41 40 39 38 37 36 35
12 13 14 15 16 17 18 19 20 21
3
30
29
28
27
26
25
24
23
4
5
7
8
9
10
11
1
2
32
31
NC
NC
NC
NC
NC
NC
VDD
NC
VSS
PGC/EMUC/AN5/U1RX/SDI1/SDA/CN7/RB5
AN2/SS1/LVDIN/CN4/RB2
NC
AN3/CN5/RB3
NC
NC
NC
VSS
OSC1/CLKI
OSC2/CLKO/RC15
6
22
33
34
NC
NC
VSS
dsPIC30F3012
44-Pin QFN(1)
Note
1:
The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More