Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I2CCON Fiches technique(PDF) 188 Page - Microchip Technology

No de pièce I2CCON
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CCON Fiches technique(HTML) 188 Page - Microchip Technology

Back Button I2CCON Datasheet HTML 184Page - Microchip Technology I2CCON Datasheet HTML 185Page - Microchip Technology I2CCON Datasheet HTML 186Page - Microchip Technology I2CCON Datasheet HTML 187Page - Microchip Technology I2CCON Datasheet HTML 188Page - Microchip Technology I2CCON Datasheet HTML 189Page - Microchip Technology I2CCON Datasheet HTML 190Page - Microchip Technology I2CCON Datasheet HTML 191Page - Microchip Technology I2CCON Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 210 page
background image
dsPIC30F2011/2012/3012/3013
DS70139G-page 188
© 2010 Microchip Technology Inc.
21.2
Package Marking Information (Continued)
30F2011
28-Lead SOIC
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
XXXXXXXXXXXXXXXXXXXX
YYWWNNN
Example
dsPIC30F3013
0610017
XXXXXXXXXX
XXXXXXXXXX
XXXXXXXXXX
YYWWNNN
44-Lead QFN
dsPIC
30F3013
0610017
30I/SO
3
e
30I/ML
3
e
28-Lead QFN-S
XXXXXXX
XXXXXXX
YYWWNNN
Example
30I/MM
0610017
Example
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More