Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I2CCON Fiches technique(PDF) 36 Page - Microchip Technology

No de pièce I2CCON
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

I2CCON Fiches technique(HTML) 36 Page - Microchip Technology

Back Button I2CCON Datasheet HTML 32Page - Microchip Technology I2CCON Datasheet HTML 33Page - Microchip Technology I2CCON Datasheet HTML 34Page - Microchip Technology I2CCON Datasheet HTML 35Page - Microchip Technology I2CCON Datasheet HTML 36Page - Microchip Technology I2CCON Datasheet HTML 37Page - Microchip Technology I2CCON Datasheet HTML 38Page - Microchip Technology I2CCON Datasheet HTML 39Page - Microchip Technology I2CCON Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 210 page
background image
dsPIC30F2011/2012/3012/3013
DS70139G-page 36
© 2010 Microchip Technology Inc.
FIGURE 3-7:
dsPIC30F3012/3013 DATA SPACE MEMORY MAP
0x0000
0x07FE
0x0BFE
0xFFFE
LSB
Address
16 bits
LSB
MSB
MSB
Address
0x0001
0x07FF
0x0BFF
0xFFFF
0x8001
0x8000
Optionally
Mapped
into Program
Memory
0x0FFF
0x0FFE
0x1000
0x1001
0x0801
0x0800
0x0C01
0x0C00
Near
Data
0x1FFE
0x1FFF
2 Kbyte
SFR Space
2 Kbyte
SRAM Space
8 Kbyte
Space
X Data
Unimplemented (X)
SFR Space
X Data RAM (X)
Y Data RAM (Y)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More