Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP23009ESS Fiches technique(PDF) 23 Page - Microchip Technology

No de pièce MCP23009ESS
Description  8-Bit I/O Expander with Open-Drain Outputs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP23009ESS Fiches technique(HTML) 23 Page - Microchip Technology

Back Button MCP23009ESS Datasheet HTML 19Page - Microchip Technology MCP23009ESS Datasheet HTML 20Page - Microchip Technology MCP23009ESS Datasheet HTML 21Page - Microchip Technology MCP23009ESS Datasheet HTML 22Page - Microchip Technology MCP23009ESS Datasheet HTML 23Page - Microchip Technology MCP23009ESS Datasheet HTML 24Page - Microchip Technology MCP23009ESS Datasheet HTML 25Page - Microchip Technology MCP23009ESS Datasheet HTML 26Page - Microchip Technology MCP23009ESS Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
© 2009 Microchip Technology Inc.
DS22121B-page 23
MCP23009/MCP23S09
1.6.8
INTERRUPT FLAG REGISTER
The INTF register reflects the interrupt condition on the
port pins of any pin that is enabled for interrupts via the
GPINTEN register. A ‘set’ bit indicates that the
associated pin caused the interrupt.
This register is ‘read only’. Writes to this register will be
ignored.
REGISTER 1-8:
INTF – INTERRUPT FLAG REGISTER
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
INT7
INT6
INT5
INT4
INT3
INT2
INT1
INT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
INT7:INT0: Reflects the interrupt condition on the port. Will reflect the change only if interrupts are
enabled (GPINTEN) <7:0>.
1
= Pin caused interrupt
0
= Interrupt not pending



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50