| Moteur de recherche de fiches techniques de composants électroniques |
|
AT90LS8535-4AC Fiches technique(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT90LS8535-4AC Fiches technique(HTML) 9 Page - ATMEL Corporation |
|
9 / 10 page ![]() AT90S/LS4434 and AT90S/LS8535 9 Ordering Information Power Supply Speed (MHz) Ordering Code Package Operation Range 2.7 - 6.0V 4 AT90LS4434-4AC AT90LS4434-4JC AT90LS4434-4PC 44A 44J 40P6 Commercial (0 °C to 70°C) AT90LS4434-4AI AT90LS4434-4JI AT90LS4434-4PI 44A 44J 40P6 Industrial (-40 °C to 85°C) 4.0 - 6.0V 8 AT90S4434-8AC AT90S4434-8JC AT90S4434-8JC 44A 44J 40P6 Commercial (0 °C to 70°C) AT90S4434-8AI AT90S4434-8JI AT90S4434-8PI 44A 44J 40P6 Industrial (-40 °C to 85°C) 2.7 - 6.0V 4 AT90LS8535-4AC AT90LS8535-4JC AT90LS8535-4PC 44A 44J 40P6 Commercial (0 °C to 70°C) AT90LS8535-4AI AT90LS8535-4JI AT90LS8535-4PI 44A 44J 40P6 Industrial (-40 °C to 85°C) 4.0 - 6.0V 8 AT90S8535-8AC AT90S8535-8JC AT90S8535-8JC 44A 44J 40P6 Commercial (0 °C to 70°C) AT90S8535-8AI AT90S8535-8JI AT90S8535-8PI 44A 44J 40P6 Industrial (-40 °C to 85°C) Package Type 44A 44 Lead, Thin (1.0mm) Plastic Gull Wing Quad Flat Package (TQFP) 44J 44 Lead, Plastic J-Leaded Chip Carrier (PLCC) 40P6 40 Lead, 0.600" Wide, Plastic Dual in Line Package (PDIP) |