Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATF1504AS Fiches technique(PDF) 13 Page - ATMEL Corporation

No de pièce ATF1504AS
Description  High- Performance EE CPLD
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504AS Fiches technique(HTML) 13 Page - ATMEL Corporation

Back Button ATF1504AS Datasheet HTML 9Page - ATMEL Corporation ATF1504AS Datasheet HTML 10Page - ATMEL Corporation ATF1504AS Datasheet HTML 11Page - ATMEL Corporation ATF1504AS Datasheet HTML 12Page - ATMEL Corporation ATF1504AS Datasheet HTML 13Page - ATMEL Corporation ATF1504AS Datasheet HTML 14Page - ATMEL Corporation ATF1504AS Datasheet HTML 15Page - ATMEL Corporation ATF1504AS Datasheet HTML 16Page - ATMEL Corporation ATF1504AS Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ATF1504ASZ
13
load data into the update registers. Control signals are gen-
erated internally by the JTAG TAP controller. The BSC
configuration for the input and I/O pins and macrocells are
shown below.
BSC Configuration for Input and I/O
Pins (except JTAG TAP Pins)
Note:
The ATF1504AS has pull-up option on TMS and TDI
pins. This feature is selected as a design option.
BSC Configuration for Macrocell
0
1
DQ
0
1
0
1
DQ
DQ
Capture
DR
Capture
DR
Update
DR
0
1
0
1
DQ
DQ
TDI
TDI
OUTJ
OEJ
Shift
Shift
Clock
Clock
Mode
TDO
TDO
Pin BSC
Macrocell BSC
Pin
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21