| Moteur de recherche de fiches techniques de composants électroniques |
|
AXISP12 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AXISP12 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 4 page ![]() DATASHEET AXIS P12 Network Cameras is a series of uniquely designed cameras for exceptionally discreet surveillance. The series comprises three models; two pinhole models, AXIS P1204 and AXIS P1214, which are ideal for indoor installations, and AXIS P1214-E, which is an IP66-rated model that can be installed both indoors and outdoors. The cameras provide crystal-clear HDTV 720p image quality at full frame rate. AXIS P12 cameras deliver multiple, individually configurable video streams in H.264 compression, which greatly optimizes bandwidth and storage needs without compromising image quality. AXIS P12 Network Camera Series offers small-sized, high-performance cameras for exceptionally discreet indoor and outdoor surveillance. These cameras are perfect for covert installations or where a discreet and compact surveillance solution is required. AXIS P12 Network Camera Series Miniature HDTV cameras for exceptionally discreet surveillance. > Functional and extremely discreet design > Easy and flexible installation > HDTV 720p > Edge storage > Multiple H.264 streams > Power over Ethernet The form factor and small size offer excessive flexibility. The sensor unit and main unit are connected by an 8 meter (26ft.) cable, providing flexibility to place the sensor unit in one place and the main unit elsewhere. AXIS P12 cameras offer powerful event management capabilities with intelligent video features such as tampering alarm and motion detection, in addition to AXIS Camera Application platform. The cameras can be powered either over Ethernet, or by external power supply. Furthermore, the cameras include support for edge storage with the built-in microSD/microSDHC memory card slot. |
Numéro de pièce similaire - AXISP12 |
|
Description similaire - AXISP12 |