Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPC5601PEF0VLL4R Fiches technique(PDF) 7 Page - Freescale Semiconductor, Inc

No de pièce SPC5601PEF0VLL4R
Description  MPC5602P Microcontroller Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5601PEF0VLL4R Fiches technique(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button SPC5601PEF0VLL4R Datasheet HTML 3Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5601PEF0VLL4R Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 95 page
background image
MPC5602P Microcontroller Data Sheet, Rev. 4.1
Freescale Semiconductor
7
1.5
Feature details
1.5.1
High performance e200z0 core processor
The e200z0 Power Architecture core provides the following features:
•
High performance e200z0 core processor for managing peripherals and interrupts
•
Single issue 4-stage pipeline in-order execution 32-bit Power Architecture CPU
•
Harvard architecture
•
Variable length encoding (VLE), allowing mixed 16- and 32-bit instructions
— Results in smaller code size footprint
— Minimizes impact on performance
•
Branch processing acceleration using lookahead instruction buffer
•
Load/store unit
— 1-cycle load latency
— Misaligned access support
— No load-to-use pipeline bubbles
•
Thirty-two 32-bit general purpose registers (GPRs)
•
Separate instruction bus and load/store bus Harvard architecture
•
Hardware vectored interrupt support
•
Reservation instructions for implementing read-modify-write constructs
•
Long cycle time instructions, except for guarded loads, do not increase interrupt latency
•
Extensive system development support through Nexus debug port
•
Non-maskable interrupt support
Pulse width modulator (FlexPWM) Contains four PWM submodules, each of which capable of controlling a single
half-bridge power stage and two fault input channels
Reset generation module
(MC_RGM)
Centralizes reset sources and manages the device reset sequence of the device
Static random-access memory
(SRAM)
Provides storage for program code, constants, and variables
System integration unit lite (SIUL) Provides control over all the electrical pad controls and up 32 ports with 16 bits
of bidirectional, general-purpose input and output signals and supports up to 32
external interrupts with trigger event configuration
System status and configuration
module (SSCM)
Provides system configuration and status data (such as memory size and status,
device mode and security status), device identification data, debug status port
enable and selection, and bus and peripheral abort enable/disable
System timer module (STM)
Provides a set of output compare events to support AUTOSAR1 and operating
system tasks
System watchdog timer (SWT)
Provides protection from runaway code
Wakeup unit (WKPU)
Supports up to 18 external sources that can generate interrupts or wakeup
events, of which 1 can cause non-maskable interrupt requests or wakeup events
1 AUTOSAR: AUTomotive Open System ARchitecture (see http://www.autosar.org)
Table 2. MPC5602P series block summary (continued)
Block
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95