Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

4614X Fiches technique(PDF) 2 Page - Bourns Electronic Solutions

No de pièce 4614X
Description  Thick Film Conformal SIP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4614X Fiches technique(HTML) 2 Page - Bourns Electronic Solutions

  4614X Datasheet HTML 1Page - Bourns Electronic Solutions 4614X Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Headquarters Riverside CA
www.bourns.com
page 2 of 2
CASRN: CAS Registry Number® is a Registered Trademark of the American Chemical Society
MATERIAL DECLARATION
7
Encapsulation
Molding
compound
0.31416
Epoxy resin
25068-38-6
30
12.872
42.906
Silicon dioxide
14808-60-7
45
19.308
Non-halogen flame
retardant
proprietary
17
7.294
Pigment
13463-67-7
4531-49-1
8
3.433
Total weight
0.7322
This Document was updated on:
July 7, 2011
Important remarks:
1.
It is the responsibility of the user to verify they are accessing the latest version.
2.
RoHS exemptions: 7(c)-I Electrical and electronic components containing lead in a glass or ceramic...



Html Pages

1 2