Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S1GM Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce S1GM
Description  1.0AMP Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

S1GM Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  S1GM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd S1GM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd S1GM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd S1GM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
For surface mounted application
Glass passivated chip junction
Low forward voltage drop
High current capability
Easy pick and place
High surge current capability
S1GM
Mirco-SMA
3K / 7" REEL
RSG
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
Trr
nS
Cj
pF
TJ
OC
TSTG
OC
Plastic material used carries Underwriters
Laboratory Classification 94V-0
High temperature soldering:
260℃/10 seconds at terminals
Mechanical Data
Case: Molded plastic
1.0AMP Surface Mount Rectifiers
Micro SMA
Features
S1JM
Maximum Repetitive Peak Reverse Voltage
400
600
Maximum RMS Voltage
280
420
Type Number
S1GM
Maximum DC Blocking Voltage
400
600
Maximum Average Forward Rectified Current
1
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
20
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
1.1
V
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
1
uA
50
Typical Reverse Recovery Time (Note 2)
780
Typical Junction Capacitance (Note 3)
5
Typical Thermal Resistance
RθjA
RθjL
110
30
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Version:B12
Green Compound
Packing code
OC/W
Operating Temperature Range
- 55 to + 175
Storage Temperature Range
- 55 to + 175
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
S1GM - S1JM
Meet MSL level 1, per J-STD-020D,
lead free maximum peak of 260℃
Ordering Information (example)
Part No.
Package
Packing
Terminal: Pure tin plated, lead free
solderable per J-STD-002B and
JESD22-B102D
Polarity: Indicated by cathode band
Packing: 8mm tape per EIA STD RS-481
Weight: 0.006 grams


Numéro de pièce similaire - S1GM

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
S1GM TSC-S1GM Datasheet
352Kb / 3P
Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S1GMH TS-S1GMH Datasheet
567Kb / 6P
1A, 400V - 600V Standard Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S1GMH TSC-S1GMH Datasheet
567Kb / 6P
1A, 400V - 600V Standard Surface Mount Rectifier
S1GM TSC-S1GM_14 Datasheet
352Kb / 3P
Surface Mount Rectifier
More results

Description similaire - S1GM

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
S1A TSC-S1A_11 Datasheet
196Kb / 2P
1.0AMP Surface Mount Rectifiers
S1AB TSC-S1AB_11 Datasheet
181Kb / 2P
1.0AMP Surface Mount Rectifiers
S1AL TSC-S1AL_11 Datasheet
190Kb / 2P
1.0AMP Surface Mount Rectifiers
logo
Hi-Sincerity Mocroelect...
HSK400X HSMC-HSK400X Datasheet
147Kb / 3P
1.0AMP. SURFACE MOUNT RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A_15 Datasheet
379Kb / 2P
1.0Amp Surface Mount Silicon Rectifiers
logo
Taiwan Semiconductor Co...
S1AB TSC-S1AB_13 Datasheet
252Kb / 4P
1.0AMP Surface Mount Rectifiers
logo
Chongqing Pingwei Enter...
M1 CHONGQING-M1_16 Datasheet
199Kb / 1P
1.0AMP. SURFACE MOUNT RECTIFIERS
S1A CHONGQING-S1A_16 Datasheet
198Kb / 1P
1.0AMP. SURFACE MOUNT RECTIFIERS
logo
DIYI Electronic Technol...
ER1A DYELEC-ER1A Datasheet
1Mb / 2P
1.0AMP SURFACE MOUNT SUPERFAST RECTIFIERS
logo
Hi-Sincerity Mocroelect...
HSMA400X HSMC-HSMA400X Datasheet
40Kb / 3P
1.0AMP. SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com