| Moteur de recherche de fiches techniques de composants électroniques |
|
LP38693 Fiches technique(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP38693 Fiches technique(HTML) 16 Page - Texas Instruments |
|
16 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 5-Feb-2014 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP38691QSD-3.3/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L258B LP38691QSD-5.0/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L259B LP38691QSDX-1.8/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L256B LP38691QSDX-2.5/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L257B LP38691QSDX-3.3/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L258B LP38691QSDX-5.0/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L259B LP38691SD-1.8 NRND WSON NGG 6 1000 TBD Call TI Call TI -40 to 125 L118B LP38691SD-1.8/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L118B LP38691SD-2.5/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L119B LP38691SD-3.3/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L120B LP38691SD-5.0/NOPB ACTIVE WSON NGG 6 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L121B LP38691SDX-1.8/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L118B LP38691SDX-2.5/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L119B LP38691SDX-3.3/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L120B LP38691SDX-5.0/NOPB ACTIVE WSON NGG 6 4500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L121B LP38693MP-1.8 NRND SOT-223 NDC 5 1000 TBD Call TI Call TI -40 to 125 LJVB LP38693MP-1.8/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LJVB LP38693MP-2.5/NOPB ACTIVE SOT-223 NDC 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LJXB LP38693MP-3.3 NRND SOT-223 NDC 5 1000 TBD Call TI Call TI -40 to 125 LJYB |