| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8563BS4 Fiches technique(PDF) 43 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8563BS4 Fiches technique(HTML) 43 Page - NXP Semiconductors |
|
43 / 50 page ![]() PCF8563 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 10 — 3 April 2012 43 of 50 NXP Semiconductors PCF8563 Real-time clock/calendar For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 18. Abbreviations MSL: Moisture Sensitivity Level Fig 34. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Table 33. Abbreviations Acronym Description BCD Binary Coded Decimal CDM Charged-Device Model CMOS Complementary Metal Oxide Semiconductor ESD ElectroStatic Discharge HBM Human Body Model I2C Inter-Integrated Circuit IC Integrated Circuit LSB Least Significant Bit MSB Most Significant Bit MSL Moisture Sensitivity Level PCB Printed-Circuit Board POR Power-On Reset RTC Real-Time Clock SCL Serial CLock line SDA Serial DAta line SMD Surface Mount Device |