| Moteur de recherche de fiches techniques de composants électroniques |
|
AT45DB080 Fiches technique(PDF) 8 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT45DB080 Fiches technique(HTML) 8 Page - ATMEL Corporation |
|
8 / 18 page ![]() AT45DB080 8 Reset Timing (Inactive Clock Polarity Low Shown) Command Sequence for Read/Write Operations (Except Status Register Read) Notes: 1. “r” designates bits reserved for larger densities. 2. It is recommended that “r” be a logical “0” for densities of 8M bit or smaller. 3. For densities larger than 8M bit, the “r” bits become the most significant Page Address bit for the appropriate density. CS SCK RESET SO HIGH IMPEDANCE HIGH IMPEDANCE SI tRST tREC tCSS I/O7-I/O0 (INPUT) CMD ADDR ADDR ADDR MSB Reserved for larger densities Page Address (PA11-PA0) Byte/Buffer Address (BA8-BA0/BFA8-BFA0) LSB r r r X X X X X X X X X X X X X X X X X X X X X |