| Moteur de recherche de fiches techniques de composants électroniques |
|
5015 Fiches technique(PDF) 11 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
5015 Fiches technique(HTML) 11 Page - ITT Industries |
|
11 / 15 page ![]() www.ittcannon.com 177 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-5015 Connectors MS-E/F/R/ER Straight Plug MS3106E/MS3106F Integral Cable Clamp CA3106E/CA06R MS3106F straight plugs mate with 3100 and 3102 receptacles and 3101 plugs. The MS3106E is available upon request. For new equipment, customer should specify. MS3106F. MS3106E is identical to MS3106F except to O ring under the coupling nut. The MS3106R striaght plug is identical in puropse to the MS3106F. The MS3106R has the shorter endbell. This plug will mate with 3100 and 3102 receptacles and 3101 plugs. MS3106R Shell Size Shell Size †Not to MS specification Performance Specifications - Page 168 Contact, Sealing Plugs, Assembly Tools - Page 187 Contact Arrangements - Page 171-174 8S 10S 10SL 12S 14S 16S 12 14 1/2-28UNEF-2B 5/8-24UNEF-2B 5/8-24UNEF-2B 3/4-20UNEF-2B 7/8-20UNEF-2B 1-20UNEF-2B 3/4-20UNEF-2B 7/8-20UNEF-2B 1-20UNEF-2B 1-1/8-18UNEF-2B 1-1/4-18UNEF-2B 1-3/8-18UNEF-2B 1-1/2-18UNEF-2B 1-3/4-18UNS-2B 2-18UNS-2B 2-1/4-16UN-2B 2-1/2-16UN-2B 16 18 20 22 24 28 32 36 40 Shell Size A Thread A Thread ** Barrel engaging face to shoulder. 8S 10S 10SL 12S 14S 16S 12 14 16 18 20 22 24 28 32 36 40 .235 (5.97) .235 (5.97) .297 (7.54) .297 (7.54) .422 (10.72) .547 (13.89) .297 (7.54) .422 (10.72) .547 (13.89) .610 (15.49) .735 (18.67) .740 (18.80) .922 (23.42) .922 (23.42) 1.235 (31.37) 1.360 (34.54) 1.628 (41.35) .102 (2.59) .102 (2.59) .140 (3.56) .140 (3.56) .195 (4.95) .255 (6.48) .140 (3.56) .195 (4.95) .255 (6.48) .285 (7.24) .350 (8.89) .350 (8.89) .468 (11.89) .468 (11.89) .664 (15.87) .694 (17.63) .911 (23.14) .536 (13.61) .536 (13.61) .536 (13.61) .536 (13.61) .536 (13.61) .536 (13.61) .724 (18.39) .724 (18.39) .724 (18.39) .724 (18.39) .724 (18.39) .724 (18.39) .724 (18.39) .724 (18.39) .724 (18.39) .724 (18.39) .724 (18.39) .844 (21.44) .969 (24.61) .969 (24.61) 1.062 (26.97) 1.156 (29.36) 1.250 (31.75) 1.062 (26.97) 1.156 (29.36) 1.250 (31.75) 1.344 (34.14) 1.469 (37.31) 1.594 (40.49) 1.719 (43.66) 1.969 (50.01) 2.219 (56.36) 2.469 (62.71) 2.723 (69.16)† 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.625 (66.68) 2.625 (66.68) 2.625 (66.68) 2.688 (68.28) 2.750 (69.85) 2.750 (69.85) 2.969 (75.41) 3.031 (76.99) 3.031 (76.99) 3.281 (83.34) 3.560 (89.66)† 1.838 (46.69) 1.838 (46.69) 1.838 (46.69) 1.838 (46.69) 1.838 (46.69) 1.838 (46.69) 2.181 (55.40) 2.181 (55.40) 2.181 (55.40) 2.281 (55.40) 2.281 (55.40) 2.281 (55.40) 2.281 (55.40) 2.281 (55.40) 2.322 (58.98) 2.322 (58.98) 2.427 (61.65)† .890 (22.61) .890 (22.61) .970 (24.64) .970 (24.64) 1.150 (29.21) 1.250 (31.75) .970 (24.64) 1.150 (29.21) 1.250 (31.75) 1.450 (36.83) 1.570 (39.88) 1.570 (39.88) 1.880 (47.75) 1.880 (47.75) 2.205 (56.01) 2.400 (60.96) 2.840 (72.14) .840 (21.34) .840 (21.34) .900 (22.86) .900 (22.86) 1.00 (27.94) 1.200 (30.48) .900 (22.86) 1.100 (27.94) 1.200 (30.48) 1.300 (33.02) 1.500 (38.10) 1.500 (38.10) 1.740 (44.20) 1.740 (44.20) 2.075 (52.71) 2.300 (58.42) 2.688 (68.28) 1.046 (26.57) 1.046 (26.57) 1.125 (28.58) 1.125 (28.58) 1.343 (34.11) 1.484 (37.69) 1.125 (28.58) 1.343 (34.11) 1.484 (37.69) 1.609 (40.87) 1.890 (48.01) 1.890 (48.01) 2.170 (55.12) 2.170 (55.12) 2.656 (67.46) 2.922 (74.22) - * E Max. E Min. J** Max. L Max. N Max. L Max. 1 P Max. 1 V Max. W Max. CA3106R W A Thd. V N J** A J** L 1 L 1 P 1 P E |