Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2591 Fiches technique(PDF) 21 Page - ams AG

No de pièce TSL2591
Description  very-high sensitivity light-to-digital
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TSL2591 Fiches technique(HTML) 21 Page - ams AG

Back Button TSL2591 Datasheet HTML 17Page - ams AG TSL2591 Datasheet HTML 18Page - ams AG TSL2591 Datasheet HTML 19Page - ams AG TSL2591 Datasheet HTML 20Page - ams AG TSL2591 Datasheet HTML 21Page - ams AG TSL2591 Datasheet HTML 22Page - ams AG TSL2591 Datasheet HTML 23Page - ams AG TSL2591 Datasheet HTML 24Page - ams AG TSL2591 Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Datasheet - Apr. 2013 - ams163.5
TSL2591 – 21
Figure TSL2591 – 20:
FN Package Carrier Tape and Reel Information
Notes:
1. All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
2. The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
3. Symbols on drawing AO, BO and KO are defined in ANSI EIA Standard 481-B 2001.
4. Each reel is 178 millimeters in diameter and contains 3500 parts.
5. ams packaging tape and reel conform to the requirements of EIA Standard 481 - B.
6. In accordance with EIA Standard, device pin 1 is located next to the sprocket holes in the tape.
7. This drawing is subject to change without notice.
Mechanical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25