| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL2583 Fiches technique(PDF) 14 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TSL2583 Fiches technique(HTML) 14 Page - ams AG |
|
14 / 33 page ![]() TSL2581, TSL2583 LIGHT-TO-DIGITAL CONVERTER TAOS134A − JULY 2012 13 The LUMENOLOGY r Company r r Copyright E 2012, TAOS Inc. www.taosinc.com Table 8. Interrupt Persistence Select PERSIST FIELD VALUE INTERRUPT PERSIST FUNCTION 0000 Every ADC cycle generates interrupt 0001 Any value outside of threshold range 0010 2 integration time periods out of range 0011 3 integration time periods out of range 0100 4 integration time periods out of range 0101 5 integration time periods out of range 0110 6 integration time periods out of range 0111 7 integration time periods out of range 1000 8 integration time periods out of range 1001 9 integration time periods out of range 1010 10 integration time periods out of range 1011 11 integration time periods out of range 1100 12 integration time periods out of range 1101 13 integration time periods out of range 1110 14 integration time periods out of range 1111 15 integration time periods out of range |