| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL230ARD Fiches technique(PDF) 13 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
TSL230ARD Fiches technique(HTML) 13 Page - ams AG |
|
13 / 15 page ![]() TSL230RD, TSL230ARD, TSL230BRD PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS TAOS054P − OCTOBER 2007 12 r r Copyright E 2007, TAOS Inc. The LUMENOLOGY r Company www.taosinc.com Moisture Sensitivity Optical characteristics of the device can be adversely affected during the soldering process by the release and vaporization of moisture that has been previously absorbed into the package molding compound. To prevent these adverse conditions, all devices shipped in carrier tape have been pre-baked and shipped in a sealed moisture-barrier bag. No further action is necessary if these devices are processed through solder reflow within 24 hours of the seal being broken on the moisture-barrier bag. However, for all devices shipped in tubes or if the seal on the moisture barrier bag has been broken for 24 hours or longer, it is recommended that the following procedures be used to ensure the package molding compound contains the smallest amount of absorbed moisture possible. For devices shipped in tubes: 1. Remove devices from tubes 2. Bake devices for 4 hours, at 90°C 3. After cooling, load devices back into tubes 4. Perform solder reflow within 24 hours after bake Bake only a quantity of devices that can be processed through solder reflow in 24 hours. Devices can be re-baked for 4 hours, at 90°C for a cumulative total of 12 hours (3 bakes for 4 hours at 90°C). For devices shipped in carrier tape: 1. Bake devices for 4 hours, at 90°C in the tape 2. Perform solder reflow within 24 hours after bake Bake only a quantity of devices that can be processed through solder reflow in 24 hours. Devices can be re−baked for 4 hours in tape, at 90°C for a cumulative total of 12 hours (3 bakes for 4 hours at 90°C). |