Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMD2771 Fiches technique(PDF) 21 Page - ams AG

No de pièce TMD2771
Description  DIGITAL ALS and PROXIMITY MODULE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TMD2771 Fiches technique(HTML) 21 Page - ams AG

Back Button TMD2771 Datasheet HTML 17Page - ams AG TMD2771 Datasheet HTML 18Page - ams AG TMD2771 Datasheet HTML 19Page - ams AG TMD2771 Datasheet HTML 20Page - ams AG TMD2771 Datasheet HTML 21Page - ams AG TMD2771 Datasheet HTML 22Page - ams AG TMD2771 Datasheet HTML 23Page - ams AG TMD2771 Datasheet HTML 24Page - ams AG TMD2771 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
TMD2771
DIGITAL ALS
and PROXIMITY MODULE
TAOS143B − SEPTEMBER 2012
20
r
r
Copyright
E 2012, TAOS Inc.
The LUMENOLOGY
r Company
www.taosinc.com
Proximity Interrupt Threshold Registers (0x08 − 0x0B)
The proximity interrupt threshold registers provide the values to be used as the high and low trigger points for
the comparison function for interrupt generation. If the value generated by proximity channel crosses below the
lower threshold specified, or above the higher threshold, an interrupt is signaled to the host processor.
Table 8.
Proximity Interrupt Threshold Registers
REGISTER
ADDRESS
BITS
DESCRIPTION
PILTL
0x08
7:0
Proximity low threshold lower byte
PILTH
0x09
7:0
Proximity low threshold upper byte
PIHTL
0x0A
7:0
Proximity high threshold lower byte
PIHTH
0x0B
7:0
Proximity high threshold upper byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33