Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS13985F28-T Fiches technique(PDF) 5 Page - ams AG

No de pièce AS13985F28-T
Description  Micropower 150mA Low-Noise LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS13985F28-T Fiches technique(HTML) 5 Page - ams AG

  AS13985F28-T Datasheet HTML 1Page - ams AG AS13985F28-T Datasheet HTML 2Page - ams AG AS13985F28-T Datasheet HTML 3Page - ams AG AS13985F28-T Datasheet HTML 4Page - ams AG AS13985F28-T Datasheet HTML 5Page - ams AG AS13985F28-T Datasheet HTML 6Page - ams AG AS13985F28-T Datasheet HTML 7Page - ams AG AS13985F28-T Datasheet HTML 8Page - ams AG AS13985F28-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.austriamicrosystems.com
Revision 1.13
4 - 12
AS13985
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
TAMB = 25ºC, VIN = VOUT(NOM) +0.5V, COUT = CIN = 1µF, CBYPASS = 10nF, IOUT = 1mA, VEN = 1.4V (unless otherwise spec-
ified)
Caution: Exposing the WLP package to direct light could cause device malfunction.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Operating Input Voltage
2.5
5.5
V
VOUT(NOM)
- VOUT
Output Voltage Accuracy
< 2.5V VOUT
IOUT = 1mA
-50
50
mV
TAMB = -40 to 125ºC
-75
75
Output Voltage Accuracy
≥ 2.5V VOUT
IOUT = 1mA
-1
1
% of
VOUT(NOM)
TAMB= -40 to 125ºC
-2
2
ΔVOUT
Line Regulation
1
VIN = (VOUT(NOM) + 0.5V) to 4.5V,
VOUT
< 3V
-0.15
0.15
%/V
VIN = (VOUT(NOM) + 0.5V) to 5.5V,
VOUT
< 3V
-0.3
0.3
Load Regulation
IOUT = 1 to 150mA, VOUT < 2.5V,
TAMB = -40 to 125ºC
0.002
0.008
%/mA
IOUT = 1 to 150mA, VOUT
≥ 2.5V,
TAMB = -40 to 125ºC (for WLP)
0.0004 0.002
IOUT = 1 to 150mA, TAMB = -40 to 125ºC
(for SOT23-5), VOUT
≥ 2.5V
0.0025 0.005
Output AC Line
Regulation
VIN = VOUT(NOM) + 1V,
IOUT = 150mA, tR = tF = 30µs
1
mVPP
IQ
Quiescent Current
On Mode: VEN = 1.2V, IOUT = 0mA
95
µA
On Mode: VEN = 1.2V, IOUT = 0mA,
TAMB = -40 to 125ºC
130
On Mode: VEN = 1.2V, IOUT = 0 to 150mA
160
On Mode: VEN = 1.2V,
IOUT = 0 to 150mA, TAMB = -40 to 125ºC
250
2
Off Mode: VEN = 0.4V, IOUT = 0mA
0.003
2
Off Mode: VEN = 0.4V,
TAMB= -40 to 125ºC, IOUT = 0mA
1
VDROP
Dropout Voltage
3
IOUT = 1mA
0.3
mV
IOUT = 1mA, TAMB = -40 to 125ºC
2
2
IOUT = 50mA
15
IOUT = 50mA, TAMB = -40 to 125ºC
35
IOUT = 100mA
30
IOUT = 100mA, TAMB = -40 to 125ºC
70
IOUT = 150mA
45
IOUT = 150mA, TAMB = -40 to 125ºC
100
ISC
Short Circuit Current
RLOAD = 0
Ω
500
mA
SVR
Supply Voltage
Rejection
VIN = VOUT(NOM) + 1V,
VRIPPLE = 50mV, IOUT = 50mA,
f = 1kHz
60
dB
VIN = VOUT(NOM) + 1V,
VRIPPLE = 50mV, IOUT = 50mA,
f= 10kHz
55
IOUT(PK)
Peak Output Current
VOUT
≥ VOUT(NOM) - 5%
300
500
mA
VEN
Enable Input Logic Low
VIN = 2.5 to 5.5V, TAMB = -40 to 125ºC
4
0.4
V
Enable Input Logic High
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com