Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8530-ASOM Fiches technique(PDF) 18 Page - ams AG

No de pièce AS8530-ASOM
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOM Fiches technique(HTML) 18 Page - ams AG

Back Button AS8530-ASOM Datasheet HTML 14Page - ams AG AS8530-ASOM Datasheet HTML 15Page - ams AG AS8530-ASOM Datasheet HTML 16Page - ams AG AS8530-ASOM Datasheet HTML 17Page - ams AG AS8530-ASOM Datasheet HTML 18Page - ams AG AS8530-ASOM Datasheet HTML 19Page - ams AG AS8530-ASOM Datasheet HTML 20Page - ams AG AS8530-ASOM Datasheet HTML 21Page - ams AG AS8530-ASOM Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
17 - 32
AS8530
Datasheet - Detailed Descr i p ti on
7.9 State Diagram
The complete functional state machine for AS8530 is illustrated in Figure 6. Some soft-states in the FSM like “TXWD Wait”, “Standby Wait” and
other “wait” states have been included for the sake of completeness.
Figure 6. Finite State Machine Model for the AS8530 System
RESET TIMEOUT
OTP LOAD
INIT0
NORMAL
WAIT_TEST
WAIT_OTP
OVTEMP
Temporary
Shutdown
SLEEP
Vsup > Vsuvr_off
otp_load
RX=0
test_en
otp_e
n
Temperature > Tsd
Temperature > Tsd
Temperature > Tsd
Temperature < Tret
stan
dby
Standby &
sleep
128msec
rwake
Vcc < Vuvr_on
RESET time >
tRES
Tem
porary
shutd
own
Vcc < Vuvr_on ||
wwdtimeout
STANDBY WAIT
Temperature > Tsd
! sta
ndb
y
TXWD WAIT
Temperature > Tsd
Temperature > Tsd
Vcc < Vuvr_on
RX=0
Temperature > Tsd
Vcc < Vuvr_on ||
wwdtimeout
STANDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33