Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8530-ASOP Fiches technique(PDF) 11 Page - ams AG

No de pièce AS8530-ASOP
Description  LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8530-ASOP Fiches technique(HTML) 11 Page - ams AG

Back Button AS8530-ASOP Datasheet HTML 7Page - ams AG AS8530-ASOP Datasheet HTML 8Page - ams AG AS8530-ASOP Datasheet HTML 9Page - ams AG AS8530-ASOP Datasheet HTML 10Page - ams AG AS8530-ASOP Datasheet HTML 11Page - ams AG AS8530-ASOP Datasheet HTML 12Page - ams AG AS8530-ASOP Datasheet HTML 13Page - ams AG AS8530-ASOP Datasheet HTML 14Page - ams AG AS8530-ASOP Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
www.ams.com/Lin_CompanionIC/AS8530
Revision 1.1
10 - 32
AS8530
Datasheet - Electrical Character i s t ics
Figure 3. LIN Timing
6.5.3 Temperature Limiter
6.5.4 TX Timeout Watchdog
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Tsd
Shut down temperature
Junction temperature
139
171
ºC
Tret
Return temperature
During shut down, the sensor must be
powered by VSUP.
Thermal shut down disables LDO and sets
all drivers to high impedance, the IC returns
from shut down with POR.
121
149
ºC
Totset
Over-temp warning flag set
The temperature beyond which the warning
flag is set.
121
149
ºC
Totclear
Over-temp warning flag clear
The return temperature when the warning
flag is cleared
103
127
ºC
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tlin_wdog
Time out duration (dominant state)
0.5
1
2
s
Vth_rec(max)
Vth_dom(max)
Vth_rec(min)
Vth_dom(min)
tbus_dom(max)
tbus_rec(min)
tbus_dom(min)
tbus_rec(max)
TXD
tbit
tbit
LIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33