Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8510-ASSP Fiches technique(PDF) 44 Page - ams AG

No de pièce AS8510-ASSP
Description  Data Acquisition Device for Battery Sensors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8510-ASSP Fiches technique(HTML) 44 Page - ams AG

Back Button AS8510-ASSP Datasheet HTML 39Page - ams AG AS8510-ASSP Datasheet HTML 40Page - ams AG AS8510-ASSP Datasheet HTML 41Page - ams AG AS8510-ASSP Datasheet HTML 42Page - ams AG AS8510-ASSP Datasheet HTML 43Page - ams AG AS8510-ASSP Datasheet HTML 44Page - ams AG AS8510-ASSP Datasheet HTML 45Page - ams AG AS8510-ASSP Datasheet HTML 46Page - ams AG AS8510-ASSP Datasheet HTML 47Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 44 / 47 page
background image
www.ams.com/AS8510
Revision 3.5
43 - 46
AS8510
Datasheet - Pack a ge Drawin gs and Ma r k ings
Notes:
1. Dimensions & tolerancing conform to ASME Y14.5M-1994.
2. All dimensions are in millimeters. Angles are in degrees.
Marking: YYWWIXX.
8.1 Recommended PCB Footprint
Figure 21. PCB Footprint
YY
WW
I
XX
Last two digits of the current year
Manufacturing week
Assembly plant identifier
Assembly traceability code
Recommended Footprint Data
Symbol
mm
A9.02
B6.16
C0.46
D0.65
E6.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47