Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8202NF Fiches technique(PDF) 11 Page - ams AG

No de pièce AS8202NF
Description  TTP-C2NF Communication Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8202NF Fiches technique(HTML) 11 Page - ams AG

Back Button AS8202NF Datasheet HTML 7Page - ams AG AS8202NF Datasheet HTML 8Page - ams AG AS8202NF Datasheet HTML 9Page - ams AG AS8202NF Datasheet HTML 10Page - ams AG AS8202NF Datasheet HTML 11Page - ams AG AS8202NF Datasheet HTML 12Page - ams AG AS8202NF Datasheet HTML 13Page - ams AG AS8202NF Datasheet HTML 14Page - ams AG AS8202NF Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TTP-C2NF Communication Controller – Data Sheet
AS8202NF
Rev. 1.7, Copyright 2000-2007, austriamicrosystems AG and TTChip Entwicklungsgesellschaft mbH. All rights reserved.
10
Pin Name
Mode
Width
Comment
INTB
out (open drain)
1
CNI interrupt, time signal, active low
RAM_CLK_TESTSE
in
1
HOST clock
USE_RAM_CLK
in
1
HOST clock pin enable
Asynchronous READYB permits the shortest possible bus cycle but eventually requires signal
synchronization in the application. Connect USE_RAM_CLK to VSS to enable this mode of
operation.
Synchronous READYB uses an external clock (usually the host processor’s bus clock) for
synchronization of the signal eliminating external synchronization logic. Connect
USE_RAM_CLK to VDD and RAM_CLK_TESTSE to the host processor's bus clock to enable
this mode of operation.
Note: Due to possible metastability occurrence, it is not recommended to be used in safety critical systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25