Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5311 Fiches technique(PDF) 27 Page - ams AG

No de pièce AS5311
Description  High Resolution Magnetic Linear Encoder
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5311 Fiches technique(HTML) 27 Page - ams AG

Back Button AS5311 Datasheet HTML 21Page - ams AG AS5311 Datasheet HTML 22Page - ams AG AS5311 Datasheet HTML 23Page - ams AG AS5311 Datasheet HTML 24Page - ams AG AS5311 Datasheet HTML 25Page - ams AG AS5311 Datasheet HTML 26Page - ams AG AS5311 Datasheet HTML 27Page - ams AG AS5311 Datasheet HTML 28Page - ams AG AS5311 Datasheet HTML 29Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
www.ams.com/AS5311
Revision 1.12
27 - 29
AS5311
Datasheet - R e v is i on H is t or y
Revision History
Note:
Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
1.1
26 Jun, 2009
jja / jlu
Recommended PCB Footprint (page 26) updated
1.2
09 Apr, 2010
agt
Ordering Information (page 28) updated
1.3
24 Sep, 2010
Updated Figure 7
1.6
08 Nov, 2011
rph
Added few lines in Magnetic Input Specification (page 7) and edited the
footnote in Data Contents (page 13)
1.7
01 Mar, 2012
Updated Figure 7 and Section 7.1.1 and Section 7.3
1.8
12 Mar, 2012
Updated Package Drawings and Markings, Absolute Maximum Ratings,
Figure 14 and Ordering Information
1.9
11 Apr, 2012
Updated Ordering Information, General Description and Pin Descriptions
1.10
13 Jun, 2012
Updated Section 7.5 and Table 1
1.11
21 Jun, 2012
Updated Table 2
1.12
12 Apr, 2013
Updated Figure 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29