| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5161 Fiches technique(PDF) 32 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5161 Fiches technique(HTML) 32 Page - ams AG |
|
32 / 36 page ![]() AS5161 Datasheet - Pack a ge Drawin gs and Ma r k ings www.ams.com Revision 1.1 31 - 35 10 Package Drawings and Markings The device is available in a SOIC 8 - Lead 150 MIL Package. Figure 19. Package Drawings and Dimensions Notes: 1. Dimensions and tolerancing confirm to ASME Y14.5M-1994. 2. All dimensions are in miilimeters. Angles are in degrees. Marking: YYWWMZZ. YY WW M ZZ Year Week Assembly plant identifier Assembly traceability code Symbol Min Nom Max A- - 1.75 A1 0.10 - 0.25 A2 1.25 - - b 0.31 - 0.51 c 0.17 - 0.25 D - 4.90 BSC - E - 6.00 BSC - E1 - 3.90 BSC - e - 1.27 BSC - L 0.40 - 1.27 L1 - 1.04 REF - L2 - 0.25 BSC - Symbol Min Typ Max R0.07 - - R1 0.07 - - h0.25 - 0.50 Θ 0º - 8º Θ1 5º - 15º Θ20º - - aaa - 0.10 - bbb - 0.20 - ccc - 0.10 - ddd - 0.25 - eee - 0.10 - fff - 0.15 - N- 8 - |