Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5132-HSST Fiches technique(PDF) 21 Page - ams AG

No de pièce AS5132-HSST
Description  360 Step Programmable High Speed Magnetic Rotary Encoder
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5132-HSST Fiches technique(HTML) 21 Page - ams AG

Back Button AS5132-HSST Datasheet HTML 17Page - ams AG AS5132-HSST Datasheet HTML 18Page - ams AG AS5132-HSST Datasheet HTML 19Page - ams AG AS5132-HSST Datasheet HTML 20Page - ams AG AS5132-HSST Datasheet HTML 21Page - ams AG AS5132-HSST Datasheet HTML 22Page - ams AG AS5132-HSST Datasheet HTML 23Page - ams AG AS5132-HSST Datasheet HTML 24Page - ams AG AS5132-HSST Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.ams.com
Revision 1.4
21 - 27
AS5132
Datasheet - Application In formatio n
8 Application Information
The benefits of AS5132 are as follows:

Complete system-on-chip, no angle calibration required

Flexible system solution provides absolute serial, PWM and incremental output formats

Ideal for applications in harsh environments due to magnetic sensing principle

High reliability due to non-contact sensing

Robust system, tolerant to horizontal misalignment, airgap variations, temperature variations and external magnetic fields

External clock mode for PWM output
8.1 Physical Placement of the Magnet
The best linearity can be achieved by placing the center of the magnet exactly over the defined center of the IC package as shown in Figure 22.
Figure 22. Defined IC Center and Magnet Displacement Radius
The centre of the Hall sensor array is shifted by a constant value in x axis indicated by the blue circle. In the application it is important to refer to
this point.
Y
X
Z
PIN 1 Identification
4.1 ± 0. 235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27