Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5130-ASST-OM Fiches technique(PDF) 29 Page - ams AG

No de pièce AS5130-ASST-OM
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5130-ASST-OM Fiches technique(HTML) 29 Page - ams AG

Back Button AS5130-ASST-OM Datasheet HTML 25Page - ams AG AS5130-ASST-OM Datasheet HTML 26Page - ams AG AS5130-ASST-OM Datasheet HTML 27Page - ams AG AS5130-ASST-OM Datasheet HTML 28Page - ams AG AS5130-ASST-OM Datasheet HTML 29Page - ams AG AS5130-ASST-OM Datasheet HTML 30Page - ams AG AS5130-ASST-OM Datasheet HTML 31Page - ams AG AS5130-ASST-OM Datasheet HTML 32Page - ams AG AS5130-ASST-OM Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
28 - 41
AS5130
Datasheet - Application In form atio n
8.2 Application Example II: Low-Power Encoder
Via SSI, the AS5130 will be able to toggle between active mode and low power mode. In active mode, the current consumption is ~15mA and in
low power mode 2mA. The fastest possible startup time from low power mode is 150µs. The AS5130 can be periodically switched between
active and low power mode, the average power consumption depends on the duty cycle. In order to read out the correct data, the active mode
time must be larger than 150µs.
Figure 23. Low Power Encoder
Iavg =
(EQ 8)
Example: sampling period = one measurement every 10ms.
System constants = Iactive = 15mA, Ipower_down = 2 mA, toff = 9,85ms, ton(min) = 150µs (start-up from low power mode):
Iavg =
= 2.195mA
(EQ 9)
VDD
VSS
micro
controller
AS5130
100n
VSS
+5V
VDD
CS
VDD
DIO
VSS
AS5130
S
N
on/off
CLK
I
active
∗t
on
I
powerdown
∗t
off
+
t
on
t
off
+
---------------------------------------------------------------------
15mA∗150
μs 2mA∗985ms
,
+
150
μs 985ms
,
+
--------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42