Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5130 Fiches technique(PDF) 11 Page - ams AG

No de pièce AS5130
Description  8-Bit Programmable Magnetic Rotary Encoder with Motion Detection Multiturn
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5130 Fiches technique(HTML) 11 Page - ams AG

Back Button AS5130 Datasheet HTML 7Page - ams AG AS5130 Datasheet HTML 8Page - ams AG AS5130 Datasheet HTML 9Page - ams AG AS5130 Datasheet HTML 10Page - ams AG AS5130 Datasheet HTML 11Page - ams AG AS5130 Datasheet HTML 12Page - ams AG AS5130 Datasheet HTML 13Page - ams AG AS5130 Datasheet HTML 14Page - ams AG AS5130 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
www.austriamicrosystems.com/AS5130
Revision 1.12
10 - 41
AS5130
Datasheet - Detailed Descr i pti on
Figure 5. Normal Operation Mode
Figure 6. Extended Operation Mode (for access of OTP only)
Table 6. Serial Bit Sequence (16-bit read/write)
Write Command
Read/Write Data
C4
C3
C2
C1 C0 D15 D14 D13 D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 7. Serial Bit Sequence (16-bit read/write)
Write Command
Read/Write Data
C4
C3
C2
C1 C0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DCLK
CS
DIO
t2
t5
t3
t4
DIO
t6
t9
CMD_PHASE
DATA_PHASE
t7
t8
t10
t12
t13
t11
DIO
WRITE
t1
D0
D15
D13
D13
D0
D14
D15
CMD4
CMD3
CMD2
CMD1
CMD0
READ
D14
CMD
READ: Device to µC
WRITE: µC to Device
DCLK
CS
DIO
t2
t5
t3
t4
DIO
t6
t9
CMD_PHASE
DATA_PHASE
t7
t8
t10
t12
t13
t11
DIO
WRITE
t1
D0
D45
D44
D44
D0
D45
CMD4
CMD3
CMD2
CMD1
CMD0
READ
CMD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42