| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5048B Fiches technique(PDF) 18 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5048B Fiches technique(HTML) 18 Page - ams AG |
|
18 / 30 page ![]() Revision 1.3 www.a ustriamicrosystems.com Page 17 of 2 9 AS5048A/AS5048B Magnetic Rotary Encoder 14-bit Angular Position Sensor Datasheet CLEAR ERROR FLAG Command The CLEAR ERROR FLAG command is implemented as READ command. This command clears the ERROR FLAG which is contained in every READ frame. Before the ERROR FLAG is cleared the error register content comes back with the information which error type was occurred. On the next new READ register the ERROR FLAG is cleared Figure 11 CLEAR ERROR FLAG Com mand The package necessary to perform a CLEAR ERROR FLAG is built up as follows. CLEAR ERROR FLAG Command Bit MSB 14 13 12 11 10 9 8 7 6 5 4 3 2 1 LSB PAR 1 0 0 0 0 0 0 0 0 0 0 0 0 0 1 Table 12 Clear Error Flag Comm and Possible conditions which force the ERROR FLAG to be set: wrong parity wrong number of clocks (no full transmission cycle or too many clocks) Note: If the error flag is set to high because of a communication problem the flag remains set until it will be cleared by the CLERAR ERROR FLAG command. |