| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5048A Fiches technique(PDF) 14 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5048A Fiches technique(HTML) 14 Page - ams AG |
|
14 / 30 page ![]() Revision 1.3 www.a ustriamicrosystems.com Page 13 of 2 9 AS5048A/AS5048B Magnetic Rotary Encoder 14-bit Angular Position Sensor Datasheet Daisy Chain, 4 Wire Figure 8 Daisy Chain, 4 Wire 4.2.4 SPI Communication Command Package Every command sent to the AS5048A is represented with the following layout. Command Package Bit MSB 14 13 12 11 10 9 8 7 6 5 4 3 2 1 LSB PAR RWn Address<13:0> Bit Definition & Description PAR Parity bit (EVEN) RWn Indicates read(1) or write(0) command Address 14 bit address code Table 8 SPI Com mand Package |