| Moteur de recherche de fiches techniques de composants électroniques |
|
TLP627-2 Fiches technique(PDF) 2 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TLP627-2 Fiches technique(HTML) 2 Page - Toshiba Semiconductor |
|
2 / 8 page ![]() TLP627,TLP627-2,TLP627-4 2007-10-01 2 Absolute Maximum Ratings (Ta=25°C) Rating Characteristics Symbol TLP627 TLP627-2 TLP627-4 Unit Forward Current IF 60 50 mA Forward Current Derating ∆IF /°C −0.7(Ta≥39°C) −0.5(Ta≥25°C) mA /°C Pulse Forward Current IFP 1(100μs pulse,100pps) A Power Dissipation (1 Circuit) PD 100 70 mW Power Dissipation Derating (Ta≥25°C,1 Circuit) ∆ PD /°C -1.0 -0.7 mW /°C Reverse Voltage VR 5 V Junction Temperature Tj 125 °C Collector-Emitter Voltage VCEO 300 V Emitter -Collector Voltage VECO 0.3 V Collector Current IC 150 mA Collector Power Dissipation (1 Circuit) PC 150(*300) 100 mW Collector Power Dissipation Derating (Ta≥25°C,1 Circuit) ∆ Pc /°C -1.5(*-3.5) -1.0 mW /°C Junction Temperature Tj 125 °C Operating Temperature Range Topr −55~100 °C Storage Temperature Range Tstg −55~125 °C Lead Soldering Temperature (10s) Tsold 260(10sec) °C Total Package Power Dissipation PT 250(*320) 150 mW Total Package Power Dissipation Derating (Ta≥25°C,1 Circuit) ∆ PT/°C -2.5(*-3.2) -1.5 mW /°C Isolation Voltage (AC,1min. , R.H.≤60%) (Note1) BVS 5000 V r m s *IF=20mA Max Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). (Note1)Device considered a two terminal device : LED side pins Shorted together and DETECTOR side pins shorted together. Recommended Operating Conditions Characteristics Symbol Min. Typ. Max. Unit Supply Voltage VCC — — 200 V Forward Current IF — 16 25 mA Collector Current IC — — 120 mA Operating Temperature Topr −25 — 85 °C Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the device. Additionally, each item is an independent guideline respectively. In developing designs using this product, please confirm specified characteristics shown in this document. |