Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4021B Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD4021B
Description  CMOS 8-Stage Statice Shift Registers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD4021B Fiches technique(HTML) 21 Page - Texas Instruments

Back Button CD4021B Datasheet HTML 17Page - Texas Instruments CD4021B Datasheet HTML 18Page - Texas Instruments CD4021B Datasheet HTML 19Page - Texas Instruments CD4021B Datasheet HTML 20Page - Texas Instruments CD4021B Datasheet HTML 21Page - Texas Instruments CD4021B Datasheet HTML 22Page - Texas Instruments CD4021B Datasheet HTML 23Page - Texas Instruments CD4021B Datasheet HTML 24Page - Texas Instruments CD4021B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CD4014BM96
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
CD4014BPWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
CD4021BM96
SOIC
D
16
2500
330.0
16.4
6.5
10.3
2.1
8.0
16.0
Q1
CD4021BPWR
TSSOP
PW
16
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29