Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74ACT157ME4 Fiches technique(PDF) 17 Page - Texas Instruments

No de pièce CD74ACT157ME4
Description  QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT157ME4 Fiches technique(HTML) 17 Page - Texas Instruments

Back Button CD74ACT157ME4 Datasheet HTML 13Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 14Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 15Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 16Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 17Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 18Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 19Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 20Page - Texas Instruments CD74ACT157ME4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CD74ACT157M96
SOIC
D
16
2500
333.2
345.9
28.6
CD74ACT157PWR
TSSOP
PW
16
2000
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23